PART |
Description |
Maker |
M37754S4CGP M37754S4CHP M37754M8C-XXXHP M37754 M37 |
SINGLE-CHIP 16BIT CMOS MICROCOMPUTER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
MN102L62G |
Microcomputer - 16bit - General Purpose From old datasheet system
|
Panasonic
|
2SA2018 |
PNP Genera Purpose Transistors
|
Weitron Technology
|
2SB1709 |
Genera purpose amplification(−12V −1.5A) Genera purpose amplification(-12V, -1.5A)
|
ROHM[Rohm]
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
2SB1709 |
Genera purpose amplification(−12V −1.5A)
|
ROHM
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
UPD17016GF-XXX-3B9 UPD17017GF-XXX-3B9 |
DTS 4B microcomputer with on-chip ROM (3836x16) & RAM (320x4) Digital tuning 4-bit SC microcomputer 17K series
|
NEC
|
HY57V641620HGT-6 HY57V641620HGT-7 HY57V641620HGT-5 |
4 Banks x 1M x 16Bit Synchronous DRAM 4银行× 1米16位同步DRAM 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 4.5 ns, PDSO54
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
KM416C1004CJ-5 KM416C1004CJ-6 KM416C1004CJL-6 KM41 |
1M x 16Bit CMOS dynamic RAM with extended data out, 50ns, VCC=5.0V, refresh period=64ms 1M x 16Bit CMOS dynamic RAM with extended data out, 60ns, VCC=5.0V, refresh period=64ms 1M x 16Bit CMOS dynamic RAM with extended data out, 60ns, VCC=5.0V, self-refresh 1M x 16Bit CMOS dynamic RAM with extended data out, 50ns, VCC=5.0V, refresh period=16ms 1M x 16Bit CMOS dynamic RAM with extended data out, 60ns, VCC=5.0V, refresh period=16ms 1M x 16Bit CMOS dynamic RAM with extended data out, 45ns, VCC=5.0V, self-refresh
|
Samsung Electronic
|
CS5505 CS5508 CS5507 CS5506 CS5506-AP CS5508-AP CS |
VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS 低功6位和20A / D转换 VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS 低功16位和20位A / D转换
|
Cirrus Logic, Inc.
|
TB62701N E004109 |
16BIT SHIFT REGISTER / LATCH & CONSTANT CURRENT DRIVERS 16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|